PART |
Description |
Maker |
1206D 1206FD 1210UFD 1202D 1202FD 1202UFD 1210D 12 |
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
1210A 1206A 1202A 1210UFA 1202FA 1202UFA 1206FA 12 |
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
1202A 1202FA |
200 V - 1000 V Single Phase Bridge
|
Voltage Multipliers
|
MB6S |
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
|
GOOD-ARK Electronics
|
1106FD 1102UFD 1106D 1102D 1102FD 1110FD 1106UFD |
600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
T7000425 T7002025 T7000225 T7001335 T7002235 T7000 |
Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 1200 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 1800 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 1000 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 2000 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 600 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 200 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 第一阶段控制晶闸管(250-350安培200-2200伏特 Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 2200 V, SCR
|
Powerex Power Semicondu... Powerex Power Semiconductor... PHOENIX CONTACT Deutschland GmbH Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
RB154-BP RB15108 RB152-BP RB156-BP RB155-BP RB153- |
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECTIFIER BRIDGE 1.5A 200V RB-15 1.5 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
MB05S MB10S MB8S MB1S MB2S MB4S MB6S |
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts (MB05S / MB1S - MB10S) 0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
1206UFD |
200 V - 1,000 V Single Phase Bridge
|
ETC
|
1302 1302F 1302UF 1306 1306F 1306UF 1310 1310F 131 |
200 V - 1,000 V Single Phase Bridge 200 V - 1/000 V Single Phase Bridge
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC
|
MP508W-BP MP501W-BP |
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components
|
W02M W005M W01M W04M W08M W06M W10M |
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|